Part Number Hot Search : 
GS9078A M4125 MP5006W 2SD2103 AKM4550 IS357A HCC4017B C0402
Product Description
Full Text Search
 

To Download BD50C0AWFP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/12 www.rohm.com 2011.07 - rev. a ? 2011 rohm co., ltd. all rights reserved. standard ldo regulators standard fixed output ldo regulators with shutdown switch bd33c0awfp, BD50C0AWFP description the bdxxc0awfp series is low-saturation regulator. this ic has a built-in over-current protec tion circuit that prevents the destruction of the ic due to output short circuits and a thermal shutdown circuit that protects the ic from thermal damage due to overloading. features 1) output current: 1a 2) output voltage: 3.3v 5.0v 2) high output voltage precision : 1% 3) low saturation with pdmos output 4) built-in over-current protection circuit that prevents the destruction of the ic due to output short circuits 5) built-in thermal shutdown circuit for protecti ng the ic from thermal damage due to overloading 6) low esr capacitor 7) to252-5 packaging applications audiovisual equipments, fpds, televisions, per sonal computers or any other consumer device absolute maximum ratings (ta=25 ) parameter symbol ratings unit supply voltage *1 vcc -0.3 ~ +35.0 v output control voltage v ctl -0.3 ~ +35.0 v power dissipation (to252-5) *2 pd 1.3 w operating temperature ra nge topr -40 ~ +105 storage temperature range tstg -55 ~ +150 maximum junction temperature tjmax +150 *1 not to exceed pd. *2 to252-5:reduced by 10.4mw / over ta = 25 , when mounted on glass epoxy board: 70mm 70mm 1.6mm. note : this product is not designed for protection against radioactive rays. operating conditions (ta=25 ) parameter symbol min. max. unit supply voltage vcc vo+1v 25.0 v output control voltage v ctl 0 25.0 v output current io 0 1.0 a no.11022eat01
technical note 2/12 www.rohm.com 2011.07 - rev. a ? 2011 rohm co., ltd. all rights reserved. bd33c0awfp, BD50C0AWFP
technical note 3/12 www.rohm.com 2011.07 - rev. a ? 2011 rohm co., ltd. all rights reserved. bd33c0awfp, BD50C0AWFP electrical characteristic curves (reference data) bd33c0awfp(unless otherwise specified, ta=25 , vcc=8.3v,v ctl =5v,io=0ma) 0 100 200 300 400 500 600 700 800 0 200 400 600 800 1000 output current io [ma] dropout voltage vd [mv] 0 1 2 3 4 5 6 0246 81012141618202224 supply voltage vcc [v] output voltage : vo [v] 0 10 20 30 40 50 60 70 80 90 100 024681012141618202224 control voltage v ctl [v] circuit current i ctl [a] 0.0 0.2 0.4 0.6 0.8 1.0 0 200 400 600 800 1000 output current io [ma] circuit current ib+i feedback _r [ma] 0 1 2 3 4 5 6 024681012141618202224 control voltage v ctl [v] output voltage vo [v] 0 1 2 3 4 5 6 130 140 150 160 170 180 190 ambient temperature ta [ ] output voltage vo [v] 0 1 2 3 4 5 6 0 400 800 1200 1600 2000 output current io[ma] output voltage vo [v] 0 1 2 3 4 5 6 024681012141618202224 supply voltage vcc [v] output voltage vo [v] 0 1 2 3 4 5 6 - 40 - 20 0 20 40 60 80 100 ambient temperature ta[ ] output voltage vo [v] 0.0 0.2 0.4 0.6 0.8 1.0 024681012141618202224 supply voltage vcc [v] circuit current ib+i feedback _r [ma] 0 3 6 9 12 15 18 0246 81012141618202224 supply voltage vcc [v] stanby current isd [a] 0 10 20 30 40 50 60 70 80 10 100 1000 10000 100000 1000000 frequency f [hz] ripple rejection r.r. [db] fig.7 ripple rejection (lo=100ma) fig.12 thermal shutdown circuit characteristics fig.1 circuit current fig.2 shut down current fig.3 line regulation (io=0ma) fig.4 line regulation (io=500ma) fig.5 load regulation fig.6 dropout voltage (vcc=vo 0.95v) (lo=0ma 1000ma) fig.8 output voltage temperature characteristics fig.10 ctl voltage vs ctl current fig.11 ctl voltage vs output voltage fig.9 circuit current (lo=0ma 1000 ma)
technical note 4/12 www.rohm.com 2011.07 - rev. a ? 2011 rohm co., ltd. all rights reserved. bd33c0awfp, BD50C0AWFP electrical characteristic curves (reference data) BD50C0AWFP (unless otherwise specified, ta=25 , vcc=10v,v ctl =5v,io=0ma) 0 100 200 300 400 500 600 0 200 400 600 800 1000 output current io [ma] dropout voltage ? vd [mv] 0 1 2 3 4 5 6 024681012141618202224 supply voltage: vcc [v] output voltage : vo [v] 0 10 20 30 40 50 60 70 80 90 100 0 2 4 6 8 10 12 14 16 18 20 22 24 control voltage vctl[v] circuit current: i ctl[a] 0.0 0.2 0.4 0.6 0.8 1.0 0 200 400 600 800 1000 output current io [ma] circuit current ib+i feed bac k _r [ma] 0 1 2 3 4 5 6 -40-200 20406080100 ambient temperature ta[ ] output voltage vo [v] 0 1 2 3 4 5 6 0246 81012141618202224 control voltage vctl[v] output voltage vo [v] 0 1 2 3 4 5 6 130 140 150 160 170 180 190 ambient temperature ta [ ] output voltage vo [v] 0 1 2 3 4 5 6 0 400 800 1200 1600 2000 output current io[ma] output voltage vo [v] 0 1 2 3 4 5 6 0246 81012141618202224 supply voltage: vcc [v] output voltage : vo [v] 0.0 0.2 0.4 0.6 0.8 1.0 0246 81012141618202224 supply voltage vcc [v] circuit current: ib+i feedback _r [ma] 0 3 6 9 12 15 18 024681012141618202224 supply voltage vcc [v] stanby current isd [a] 0 10 20 30 40 50 60 70 80 10 100 1000 10000 100000 1000000 frequency f [hz] ripple rejection r.r. [db] fig.19 ripple rejection (lo=100ma) fig.24 thermal shutdown circuit characteristics fig.13 circuit current fig.14 shut down current fig.15 line regulation (io=0ma) fig.16 line regulation (io=500ma) fig.17 load regulation fig.18 dropout voltage (vcc=vo 0.95v) (lo=0ma 1000ma) fig.20 output voltage temperature characteristics fig.22 ctl voltage vs ctl current fig.23 ctl voltage vs output voltage fig.21 circuit current (lo=0ma 1000 ma)
technical note 5/12 www.rohm.com 2011.07 - rev. a ? 2011 rohm co., ltd. all rights reserved. bd33c0awfp, BD50C0AWFP measurement circuit for reference data measurement circuit for reference data bdxxc0awfp ( ):vo=5.0v measurement circuit of fig.1 and fig.13 v a vcc ctl gnd vo 5v 1 f a vcc ctl gnd vo vcc ctl gnd vo 5v vcc ctl gnd vo 5v vcc ctl gnd vo 5v vcc ctl gnd vo 5v vcc ctl gnd vo 5v vcc ctl gnd vo 5v vcc ctl gnd vo 5v vcc ctl gnd vo 10v vcc ctl gnd vo 10v vcc ctl gnd vo 5v v v 500ma a a 4.75v v 100ma 10v 10v a a 10v v 10v 10v 1vrms 1 f 1 f 1 f 1 f 1 f 1 f 1 f 1 f 1 f v 1 f v 1 f n.c. n.c. n.c. n.c. n.c. n.c. n.c. n.c. n.c. n.c. n.c. n.c. (1.0 f) 2.2 f (1.0 f) 2.2 f (1.0 f) 2.2 f (1.0 f) 2.2 f (1.0 f) 2.2 f (1.0 f) 2.2 f (1.0 f) 2.2 f (1.0 f) 2.2 f (1.0 f) 2.2 f (1.0 f) 2.2 f (1.0 f) 2.2 f (1.0 f) 2.2 f measurement circuit of fi g.2 and fig.14 measurement cir cuit of fig.3 and fig.15 measurement circuit of fig.4 and fig.16 measurement circuit of fig.5 and fig.17 measurement circuit of fig.6 and fig.18 measurement circuit of fig.7 and fig.19 measurement circuit of fig.8 and fig.20 measurement circuit of fig.9 and fig.21 measurement circuit of fig.10 and fig.22 measurement circuit of fig.11 and fig.23 measurement circuit of fig.12 and fig.24
technical note 6/12 www.rohm.com 2011.07 - rev. a ? 2011 rohm co., ltd. all rights reserved. bd33c0awfp, BD50C0AWFP block diagrams pin no. pin name function 1 ctl output control pin 2 vcc power supply pin 3 n.c. n.c. pin 4 vo output pin 5 n.c. n.c. pin fin gnd gnd top view package dimension fig.25 n.c. ctl 3 vo 5 gnd n.c. vcc fin tsd vref ocp 2 1 4 r2 r1 3 5 r1,r2:feed back resister driver vref:bandgap reference ocp:over current protection circuit tsd:thermal shut down circuit driver:power transistor driver
technical note 7/12 www.rohm.com 2011.07 - rev. a ? 2011 rohm co., ltd. all rights reserved. bd33c0awfp, BD50C0AWFP vcc ic 200k 200k ctl 1k vo vcc 34k (bd33c0awfp) 56.6k (BD50C0AWFP) 10k input / output equivalent circuit diagrams ctl pin vo pin vcc pin 15 k
technical note 8/12 www.rohm.com 2011.07 - rev. a ? 2011 rohm co., ltd. all rights reserved. bd33c0awfp, BD50C0AWFP thermal design fig.26 fig.27(reference data) when using at temperatures over ta=25 , please refer to the heat reducing characteristics shown in fig.26 and fig.27. the ic characteristics are closely related to the temperature at which the ic is used, so it is necessary to operate the ic at temperatures less than the maxi mum junction temperature tjmax. fig.26 and fig.27 shows the acceptable loss and heat reduci ng characteristics of the to252-5 package. even when the ambient temperature ta is a normal temperature (25 ), the chip (junction) temperatur e tj may be quite high so please operate the ic at temperatures less than the acceptable loss pd. the calculation method for power consum ption pc(w) is as follows :(fig.27 ) pc=(vcc vo) io+vccib acceptable loss pd Rpc solving this for load current io in order to operate within the acceptable loss, it is then possible to find the maximum load current io max with respect to the applied voltage vcc at the time of thermal design. calculation example) when ta=85 bd33c0awfp:vcc=8.3v,vo=3.3v BD50C0AWFP:vcc=10v,vo=5.0v please refer to the above information and keep thermal desig ns within the scope of acceptable loss for all operating temperature ranges. the power consumption pc of the ic when there is a short circuit (short between vo and gnd) is : pc=vcc (ib+ishort) io Q pd vccib vcc vo vcc: vo: io: ib: ishort: input voltage output voltage load current circuit current short current fig.27 : ja=26.0 / w -38.4mw/ 25 =4.80w 85 =2.496w io Q 2.496 10ib 5 io Q498.2ma (ib:0.5ma) 0 1 2 3 4 5 0 25 50 75 100 125 150 ambient temperature:ta[ ] power dissipaton:pd[w] 1.30 mounted on a rohm standard board board size : 70 L 70 L 1.6 L copper foil area :7 L7 L to252-5 ja=96.2( /w) 0 1 2 3 4 5 0 25 50 75 100 125 150 ambient temperature:ta[ ] power dissipaton:pd[w] 1.85 3.50 4.80 mounted on a rohm standard board board size : 70 L 70 L 1.6 L copper foil area :7 L7 L 2-layer board (back surface copper foil area :15 L 15 L) 2-layer board (back surface copper foil area :70 L 70 L) 4-layer board (back surface copper foil area :70 L 70 L) : ja=67.6 /w : ja=35.7 /w : ja=26.0 /w (please refer to fig.9,21 for ib.) (please refer to fig.5,17 for ishort.)
technical note 9/12 www.rohm.com 2011.07 - rev. a ? 2011 rohm co., ltd. all rights reserved. bd33c0awfp, BD50C0AWFP notes for use 1. absolute maximum ratings use of the ic in excess of absolute maximum ratings (suc h as the input voltage or operating temperature range) may result in damage to the ic. assumptions should not be made regarding the state of the ic (e.g., short mode or open mode) when such damage is suffered. if operational values ar e expected to exceed the maximum ratings for the device, consider adding protective circuitry (such as fuses) to eliminate the risk of damaging the ic. 2. electrical characteristics described in these specifications may vary, depending on temperature, supply voltage, external circuits and other conditions. therefore, be sure to check a ll relevant factors, includin g transient characteristics. 3. gnd potential the potential of the gnd pin must be the minimum potential in the system in all operating conditions. ensure that no pins are at a voltage below the gnd at any time, regardless of transient characteristics. 4. ground wiring pattern when using both small-signal and large- current gnd traces, the two ground trac es should be routed separately but connected to a single ground potential within the applicati on in order to avoid variations in the small-signal ground caused by large currents. also ensur e that the gnd traces of external components do not cause variations on gnd voltage. the power supply and ground lines must be as short and thick as possible to reduce line impedance. 5. inter-pin shorts and mounting errors use caution when orienting and positioning the ic for mounting on printed circuit boards. improper mounting may result in damage to the ic. shorts between output pins or between output pins and the power supply or gnd pins (caused by poor soldering or foreign objects) may result in damage to the ic. 6. operation in strong electromagnetic fields using this product in strong electromagnetic fields ma y cause ic malfunction. caution should be exercised in applications where strong electromagnetic fields may be present. 7. testing on application boards when testing the ic on an application board, connecting a capacitor directly to a low-impedance pin may subject the ic to stress. always discharge capacitors completely after each process or step. the ic?s power supply should always be turned off completely before connecting or removing it from a jig or fixture during the evaluation process. to prevent damage from static discharge, ground t he ic during assembly and use similar precautions during transport and storage. 8. thermal consideration use a thermal design that allows for a sufficient margin in light of the pd in act ual operating conditions. consider pc that does not exceed pd in actual operating conditions. (pd R pc) tjmax : maximum junction temperature=150 , ta : peripheral temperature[ ] , ja : thermal resistance of package-ambience[ /w], pd : package power dissipation [w], pc : power dissipation [w], vcc : input voltage, vo : output voltage, io : load, ib : bias current package power dissipation : pd (w)=(tjmax ta ) / ja power dissipation : pc (w)=(vcc vo) io+vcc ib 9. vcc pin insert a capacitor(vo R 5v:capacitor R 1f ~ , vo 5v:capacitor R 2.2f ~)between the vcc and gnd pins. the appropriate capacitance value varies by application. be sure to allow a sufficient margin for input voltage levels. electric capacitance ceramic capacitors,low esr capacitors ic
technical note 10/12 www.rohm.com 2011.07 - rev. a ? 2011 rohm co., ltd. all rights reserved. bd33c0awfp, BD50C0AWFP 10. output pin it is necessary to place capacitors between each output pi n and gnd to prevent oscillat ion on the output. usable capacitance values range from 1f to 1000f. ceramic capacitors can be used as long as their esr value is low enough to prevent oscillation (0.001 ? to 20 ? ). abrupt fluctuations in input vo ltage and load conditions may affect the output voltage. output capacitance values should be det ermined only through sufficient testing of the actual application. 11. ctl pin do not make voltage level of chip enable pin keep floating level, or in between vthh and vthl. otherwise, the output voltage would be unstable or indefinite. 12. for a steep change of the vcc voltage because mos fet for output transistor is used when an input voltage change is very steep, it may evoke large current. when selecting the value of external circ uit constants, please make sure that the operation on the actual application takes these conditions into account. 13. for an infinitesimal fluct uations of output voltage. at the use of the application that infinitesimal fluctuations of output voltage caused by so me factors (e.g. disturbance noise, input voltage fluctuations, load fluc tuations, etc.), please take enough meas ures to avoid some influence (e.g. insert the filter, etc.). 14. over current protection circuit (ocp) the ic incorporates an integrated over-cu rrent protection circuit that operates in accordance with the rated output capacity. this circuit serves to protect the ic from damag e when the load becomes shorted. it is also designed to limit output current (without latching) in the event of a large and instantaneous current flow from a large capacitor or other component. these protection circuits are effective in preventing damage due to sudden and unexpected accidents. however, the ic should not be used in applications characterized by the continuous or transitive operation of the protection circuits. 15. thermal shutdown circuit (tsd) the ic incorporates a built-in thermal shutdown circuit, which is designed to turn the ic off completely in the event of thermal overload. it is not designed to pr otect the ic from damage or guarantee it s operation. ics should not be used after this function has activated, or in applications where the operation of this circuit is assumed. vcc=4.3v 25v(bd33c0awfp)/6v 25v(BD50C0AWFP) ta =-4 0 +105 cin=2.2 f 100 f cout=1 f 100 f :?:?:?:?:? :?:?:?:? :?:?:? :? :?:? :?:?:? :? :?:?:? :?:?:? :?:?:? :?:?:? :?:?:?:? :?:?::?:?:? :?:?::?:?:?:a:? :BD50C0AWFP vcc=6v 25v vo=5v ta =-4 0 +105 io=0a 1a :? :?:? :?:?:? :?:?:?:?:?:? :?:?::?:BD50C0AWFP(6v 25v) BD50C0AWFP (1.0 f )
technical note 11/12 www.rohm.com 2011.07 - rev. a ? 2011 rohm co., ltd. all rights reserved. bd33c0awfp, BD50C0AWFP 16. applications or inspection processes where the potential of the v cc pin or other pins may be reversed from their normal state may cause damage to the ic's internal circuitry or elements. use an output pin capacitance of 1000f or lower in case vcc is shorted with the gnd pin while the external capacito r is charged. insert a diode in series with vcc to prevent reverse current flow, or insert bypass diodes between vcc and each pin. 17. positive voltage surges on vcc pin a power zener diode should be inserted between vcc and gnd for protection against voltage surges of more than 35v on the vcc pin. 18. negative voltage surges on vcc pin a schottky barrier diode should be inserted between vcc and gnd for protection against voltages lower than gnd on the vcc pin. 19. output protection diode loads with large inductance components may cause reverse current flow during startup or shutdown. in such cases, a protection diode should be insert ed on the output to protect the ic. 20. regarding input pins of the ic this monolithic ic contains p+ isolation and p substrat e layers between adjacent elements in order to keep them isolated. pn junctions are formed at the intersection of th ese p layers with the n layers of other elements, creating parasitic diodes and/or transistors. fo r example (refer to the figure below): when gnd > pin a and gnd > pin b, the pn junction operates as a parasitic diode when gnd > pin b, the pn junction o perates as a parasitic transistor parasitic diodes occur inevitably in the structure of the ic , and the operation of these parasitic diodes can result in mutual interference among circuits, operational faults, or physical damage. accordingly, conditions that cause these diodes to operate, such as applying a voltage lower than the gnd voltage to an input pin (a nd thus to the p substrate) should be avoided. example of simple monolithic ic architecture parasitic elements (pin a) parasitic elements or transistors (pin b) c b e n p n n p+ p+ parasitic elements or transistors p substrate (pin b) c b e transistor (npn) (pin a) n p n n p+ p+ resistor parasitic elements p gnd gnd gnd n vcc gnd vcc gnd
technical note 12/12 www.rohm.com 2011.07 - rev. a ? 2011 rohm co., ltd. all rights reserved. bd33c0awfp, BD50C0AWFP ordering part number b d x x c 0 a w f p - e 2 part no. output voltage 33: 3.3v output 50:5.0v current capacity c0a:output 1a shutdown switch w : with switch none : without switch package fp : to252 packaging specification e2: embossed tape and reel
r1120 a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes no copying or reproduction of this document, in part or in whole, is permitted without the consent of rohm co.,ltd. the content specied herein is subject to change for improvement without notice. the content specied herein is for the purpose of introducing rohm's products (hereinafter "products"). if you wish to use any such product, please be sure to refer to the specications, which can be obtained from rohm upon request. examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when designing circuits for mass production. great care was taken in ensuring the accuracy of the information specied in this document. however, should you incur any damage arising from any inaccuracy or misprint of such information, rohm shall bear no responsibility for such damage. the technical information specied herein is intended only to show the typical functions of and examples of application circuits for the produc ts. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm and other parties. rohm shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. the products specied in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, ofce-automation equipment, commu- nication devices, electronic appliances and amusement devices). the products specied in this document are not designed to be radiation tolerant. while rohm always makes efforts to enhance the quality and reliability of its products, a product may fail or malfunction for a variety of reasons. please be sure to implement in your equipment using the products safety measures to guard against the possibility of physical injury, re or any other damage caused in the event of the failure of any product, such as derating, redundancy, re control and fail-safe designs. rohm shall bear no responsibility whatsoever for your use of any product outside of the prescribed scope or not in accordance with the instruction manual. the products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel- controller or other safety device). rohm shall bear no responsibility in any way for use of any of the products for the above special purposes. if a product is intended to be used for any such special purpose, please contact a rohm sales representative before purchasing. if you intend to export or ship overseas any product or technology specied herein that may be controlled under the foreign exchange and the foreign trade law, you will be required to obtain a license or permit under the law.


▲Up To Search▲   

 
Price & Availability of BD50C0AWFP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X